Part Number Hot Search : 
HT66F C2012X5R TT251N BC850T TON9211 MBZ5222B BLY53 38962
Product Description
Full Text Search
 

To Download B500C2300-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Diotec
Silicon-Bridge Rectifiers
5 0.2 19 0.2
B...C 2300-1500
Silizium-Bruckengleichrichter Nominal current Nennstrom Alternating input voltage Eingangswechselspannung 2.3 / 1.5 A
TYP A
40...500 V
O 0.8 5 5 0.2 5 19 0.2 5
TYP B
Plastic case Kunststoffgehause Weight approx. Gewicht ca.
19 x 5 x 10 [mm]
1.8 g
O 0.8 5 5 5
Dimensions / Mae in mm
Standard packaging: bulk Standard Lieferform: lose im Karton
Maximum ratings Type Alternating input volt. Rep. peak reverse volt.1) Typ Eingangswechselspg. Period. Spitzensperrspg.1) VVRMS [V] VRRM [V] B40C 2300-1500 40 80 B80C 2300-1500 80 160 B125C 2300-1500 125 250 B250C 2300-1500 250 500 B380C 2300-1500 380 800 B500C 2300-1500 500 1000
Grenzwerte Surge peak reverse volt.1) Stospitzensperrspanng.1) VRSM [V] 100 200 400 800 1000 1200
Repetitive peak forward current Periodischer Spitzenstrom Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Peak fwd. surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
f > 15 Hz
IFRM i2t
10 A 2)
TA = 25C
12.5 A2s
TA = 25C
IFSM
50 A
Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Tj TS
- 50...+150C - 50...+150C
1 2
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 01.01.99
264
B...C 2300-1500
Diotec
Characteristics Max. fwd. current without cooling fin Dauergrenzstrom ohne Kuhlblech TA = 50C R-load C-load R-load C-load VR = VRRM IFAV IFAV IFAV IFAV IR RthA
Kennwerte 1.8 A 1) 1.5 A 1) 2.5 A 2.3 A < 10 A < 40 K/W 1)
Max. current with cooling fin 300 cm2 TA = 50C 2 Dauergrenzstrom mit Kuhlblech 300 cm Leakage current - Sperrstrom Tj = 25C
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
Type Typ B40C 2300-1500 B80C 2300-1500 B125C 2300-1500 B250C 2300-1500 B380C 2300-1500 B500C 2300-1500
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [F] 5000 2500 1500 800 600 400
Min. required protective resistor Min. erforderl. Schutzwiderstand Rt [ ] 0.8 1.6 2.5 5.0 8.0 10
Typical forward characteristics for one branch Durchlakennlinien fur einen Bruckenzweig
Rated forward current vs. ambient temperature Zulassiger Richtstrom in Abhangigkeit von der Umgebungstemperatur
1
) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
01.01.99
265


▲Up To Search▲   

 
Price & Availability of B500C2300-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X